Part Number Hot Search : 
LQ11S44T IRS20957 MX7538BQ A8283SB KIC9459N 10200 103LF SA40A
Product Description
Full Text Search
 

To Download K510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  k52 k53 k54 k55 k56 k58 k59 K510 maximum ratings and electrical characteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mechanical data * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * metallurgically bonded construction * polarity: color band denotes cathode end * mounting position: any voltage range 20 to 100 volts current 5.0 ampere features * ideal for surface mount applications * easy pick and place * built-in strain relief * low forward voltage drop v 20 30 40 50 60 80 90 100 20 30 40 50 60 80 90 100 14 21 28 35 42 56 63 70 v v units maximum average forward rectified current at t l=100 c peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 5.0a maximum dc reverse current ta=25 c at rated dc blocking voltage ta=100 c typical junction capacitance (note1) 5.0 150 0.5 20 10 -65 +125 -65 +150 a a v ma ma pf typical thermal resistance r qjl (note 2) 0.55 0.85 0.75 300 notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. 2. thermal resistance junction to lead. c c c /w operating storage temperature range t stg temperature range t j dimensions in inches and (millimeters) .106(2.7) .098(2.5) .144(3.65) .136(3.45) .007(0.17) .005(0.13) .067(1.7) .059(1.5) .033(0.85) .022(0.55) .051(1.3) .043(1.1) .037(0.95) .033(0.85) sod123fl k52 thru K510 5.0 amp surface mount schottky barrier rectifiers 1 a ll data sheet.com
rating and characteristic curves (k52 thru K510) 0.1 1.0 .01 10 50 fig.1-typical forward current derating curve average forward current,(a) instantaneous forward current,(a) forward voltage,(v) pulse width 300us 1% duty cycle 1.0 2.0 3.0 4.0 5.0 6.0 .1 .3 .5 .7 .9 1.1 1.3 1.5 3.0 .1 1.0 10 100 fig.5 - typical reverse characteristics reverse leakage current, (ma) 0 20 40 60 80 100 120 140 .01 tj=75 c k 52 ~ k 54 k 55 ~ k 51 0 k 5 5 ~ k 56 k 58 ~ k 51 0 k5 2 ~ k5 4 tj=25 c tj=25 c ambient temperature,( c) 0 0 20 40 60 80 100 120 140 160 180 200 fig.2-typical forward characteristics percent of rated peak reverse voltage,(%) fig.3-maximum non-repetitive forward surge current fig.4-typical junction capacitance reverse voltage,(v) junction capacitance,(pf) 1000 1200 1400 800 600 400 200 0 .01 .05 .1 .5 1 5 10 50 100 60 30 0 90 150 120 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method peak forward surge current,(a) peak forward surge current,(a) 2 a ll data sheet.com


▲Up To Search▲   

 
Price & Availability of K510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X